PART |
Description |
Maker |
SR02150 SR0220 SR02100-HF-T SR02200-HF-F SR0220-HF |
LOW Vf SCHOTTKY BARRIER RECTIFIER 0.2 A, 100 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 20 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-41
|
Rectron Semiconductor RECTRON LTD
|
BA982 LL4148 LS4154 BAV21 LS4150 |
SILICON, VHF BAND, MIXER DIODE 0.15 A, 100 V, SILICON, SIGNAL DIODE, DO-213AA 0.15 A, 35 V, SILICON, SIGNAL DIODE 0.25 A, 250 V, SILICON, SIGNAL DIODE, DO-35 0.3 A, 50 V, SILICON, SIGNAL DIODE
|
TEMIC SEMICONDUCTORS
|
1N914BT-10 1N914BT-87Y 1N914BT-12A 1N914BT-85 1N91 |
0.15 A, 100 V, SILICON, SIGNAL DIODE, DO-35 0.13 A, 90 V, SILICON, SIGNAL DIODE, DO-35 0.11 A, 40 V, SILICON, SIGNAL DIODE, DO-35 0.2 A, 250 V, SILICON, SIGNAL DIODE, DO-35 0.15 A, 75 V, SILICON, SIGNAL DIODE, DO-35 0.2 A, 40 V, SILICON, SIGNAL DIODE, DO-34 0.05 A, 40 V, SILICON, SIGNAL DIODE, DO-35 0.11 A, 40 V, SILICON, SIGNAL DIODE, DO-34 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-35 0.13 A, 90 V, SILICON, SIGNAL DIODE, DO-34 0.05 A, 40 V, SILICON, SIGNAL DIODE, DO-34
|
|
BYM05-100 BYM05-600 BYM05-400 |
0.5 A, 100 V, SILICON, SIGNAL DIODE 0.5 A, 600 V, SILICON, SIGNAL DIODE 0.5 A, 400 V, SILICON, SIGNAL DIODE
|
Vishay Intertechnology, Inc. Vishay Beyschlag
|
BC238ABU BC238ATF BC238TF BC238TAR BC238BU |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 100 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 100 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
CMOD6001BK |
0.25 A, 100 V, SILICON, SIGNAL DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
FDLL914BS62Z FDLL914L99Z |
0.2 A, 100 V, SILICON, SIGNAL DIODE
|
FAIRCHILD SEMICONDUCTOR CORP
|
CMPD4448LEADFREE |
0.25 A, 100 V, SILICON, SIGNAL DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
MBRX1100-TP |
1 A, 100 V, SILICON, SIGNAL DIODE
|
MICRO COMMERCIAL COMPONENTS
|
SF2L-HF-W |
1 A, 100 V, SILICON, SIGNAL DIODE
|
RECTRON LTD
|
|